Part Number Hot Search : 
NUB611T 0505X D8224 4431A UF101 D70N0 SRF10201 A200012
Product Description
Full Text Search
 

To Download MSCD100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mskd100 ; msad100 ; MSCD100 mskd100_msad100_MSCD100 - rev2 www.microsemi.com oct, 2011 1/3 module type type v rrm v rsm MSCD100-08 MSCD100-12 MSCD100-16 MSCD100-18 msad100-08 msad100-12 msad100-16 msad100-18 mskd100-08 mskd100-12 mskd100-16 mskd100-18 800v 1200v 1600v 1800v 900v 1300v 1700v 1900v maximum ratings symbol conditions values units i fav single phase ,half wave 180 conduction tc=109 100 a i f(rms) single phase ,half wave 180 conduction tc=97 150 a i fsm t=10ms tvj =45 2500 a i 2 t t=10ms tvj =45 31250 a 2 s v isol a.c.50hz;r.m.s.;1min 3000 v t vj -40 to +150 t stg -40 to +125 mt to terminals(m5) 315% nm ms to heatsink(m6) 515% nm weight module (approximately) 100 g thermal characteristics symbol conditions values units r th(j-c) per diode 0.35 /w r th(c-s) module 0.1 /w electrical characteristics circuit glass passivated rectifier diode modules v rrm 800 to 1800v i fav 100 am p applications y non-controllable rectifiers for ac/ac converters y line rectifiers for transistorized ac motor controllers y field supply for dc motors features y blocking voltage:800 to 1800v y heat transfer through aluminum oxide dbc ceramic isolated metal baseplate y glass passivated chip y ul e243882 approved values symbol conditions min. typ. max. units v fm t=25 i f =300a 1.22 1.35 v i rd t vj =150 v rd =v rrm 5 ma
mskd100 ; msad100 ; MSCD100 mskd100_msad100_MSCD100 - rev2 www.microsemi.com oct, 2011 2/3 performance curves fig3. transient thermal impedance fig4. max non-repetitive forward surge current 0.001 0.01 0.1 1.0 10 s 100 1 10 cycles 100 50hz z th(j- c ) fi g 1. power dissi p ation fig2.forward current derating curve 0 i d 90 a 180 150 w 100 50 p vtot 0 0 tc 50 100 150 200 a 100 i d 0 dc sin.180 rec.120 rec.60 rec.30 dc sin.180 rec.120 rec.60 rec.30 fig5. forward characteristics 0 v f 0.5 1.0 1.5 v 2.0 25 - - - 125 0.5 / w 0.25 0 3000 a 1500 0 400 a 300 200 100 i f 0 max. typ.
mskd100 ; msad100 ; MSCD100 mskd100_msad100_MSCD100 - rev2 www.microsemi.com oct, 2011 3/3 package outline information case: d1 dimensions in mm


▲Up To Search▲   

 
Price & Availability of MSCD100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X